PART |
Description |
Maker |
BC817-25-AE3-R BC817-40-AE3-R BC856-A-AE3-R BC817 |
NPN GENERAL PURPOSE AMPLIFIER npn型通用放大 NPN GENERAL PURPOSE AMPLIFIER 1500 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR SWITCHING AND AMPLIFIER APPLICATIONS
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
BC183C |
NPN General Purpose Amplifer NPN General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
FMBM5401 FMBM5401SB74001 |
NPN General Purpose Amplifier PNP General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
B120NH03L 2SA1020G 2SA1020RLRA 2SA1020RLRAG 2SA177 |
N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS PNP Silicon General Purpose Amplifier Transistor NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver Switching Diode MPPS Miniature Package Power Solutions DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET Low?Voltage 1.8/2.5/3.3V 16?Bit Transparent Latch 8?Bit Bus Switch Low?Voltage 1.8/2.5/3.3V 16?Bit Transceiver
|
STMICROELECTRONICS ZETEX ONSEMI[ON Semiconductor]
|
2SC4480 |
NPN Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier, General Driver Applications
|
SANYO
|
2N718A PN2219 2N1613 2N2222 2N2222A 2N2221 2N2218 |
NPN Small Signal General Purpose Amplifiers NPN small signal general purpose amplifier & switch.
|
FAIRCHILD[Fairchild Semiconductor]
|
2N3904-T92-B 2N3904-T92-K 2N3904L-T92-K 2N3904 2N3 |
NPN GENERAL PURPOSE AMPLIFIER 200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2N3904BUNL 2N3904RM |
NPN General Purpose Amplifier 200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
MMBT4401G-AL3-R MMBT4401-AL3-R MMBT4401G-AE3-R MMB |
NPN GENERAL PURPOSE AMPLIFIER 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Unisonic Technologies Co., Ltd.
|